PART |
Description |
Maker |
BR108 BR1005 BR101 BR1010 BR102 BR104 BR106 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE MOSFET P-CH 200V 24A TO-247AD
|
RECTRON[Rectron Semiconductor]
|
EH7502BS EH7506BS EH7508B EH7510B EH7512B |
Single Phase Bridge 75 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 75 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
MICROSEMI CORP-COLORADO
|
RBV-2506 RBV-1506 RBV-1506S RBV-1306 RBA-1506S RBV |
Bridge Diodes 25 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 600V,Bridge Diodes(600V,桥二极 600V的,桥二极管00V的,桥二极管
|
http:// SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
APTDC30H601G |
30 A, 600 V, SILICON CARBIDE, BRIDGE RECTIFIER DIODE SiC Diode Full Bridge Power Module
|
MICROSEMI POWER PRODUCTS GROUP Microsemi Corporation
|
PD684-6 PD679-6 PD680-6 PD679-3T PD684-1T PD680-3T |
10 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 10 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 500 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 10 A, 500 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 500 V, SILICON, BRIDGE RECTIFIER DIODE
|
Ecliptek, Corp. Electronic Theatre Controls, Inc.
|
B500C5000-3000 B40C5000-3000 B125C5000-3000 B250C5 |
Silicon-Bridge Rectifiers 3.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 3.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 3.5 A, 80 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON[Semikron International] http://
|
BR3505W BR356W |
35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
MYS250 |
0.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON INTERNATIONAL
|
KBU6J-E4 |
6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
VISHAY SEMICONDUCTORS
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
SPA560M SPA560 SPA560J SPA560K |
22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns 3 PHASE, 22 A, SILICON, BRIDGE RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
VUO30-04NO3 MMO74-12IO1 UO20-16NO3 VUO30-06NO3 |
3 PHASE, 37 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 53.38 A, SCR 3 PHASE, 30 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE, 37 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
|